Part Number Hot Search : 
MM5Z27V MC74LV 7805B 6A375 CR6729A TC7SZ0 FDB7045L SMAC25
Product Description
Full Text Search
 

To Download LTC1514-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1514-3.3/LTC1514-5 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
FEATURES
s s s s s s s s s s s s
DESCRIPTION
The LTC(R)1514-3.3/LTC1514-5 are micropower switched capacitor DC/DC converters that produce a regulated output voltage by either stepping up or stepping down the input voltage. Output voltage is fixed at either 3.3V (LTC1514-3.3) or 5V (LTC1514-5) by an internal resistor divider. A unique architecture allows the parts to accommodate a wide input voltage range (2V to 10V) while maintaining 4% regulation. Additional circuitry prevents excessive inrush current and output voltage ripple when large VIN to VOUT differentials are present. An internal uncommitted comparator is kept active in shutdown. The comparator has an open-drain output for flexible interfacing. The parts are short-circuit and overtemperature protected. Battery life is maximized by very low operating currents (ICC = 60A typ, 10A in shutdown). Both parts are available in an SO-8 package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
3.3V or 5V Output Voltages 2V to 10V Input Voltage Range Up to 50mA Output Current Only Three External Capacitors Required Soft Start Limits Inrush Current at Turn-On Low Operating Current: 60A Low Shutdown Current: 10A Shutdown Disconnects Load from VIN Short-Circuit and Overtemperature Protected 650kHz Switching Frequency Low-Battery Comparator Active in Shutdown Available in SO-8 Package
APPLICATIONS
s s s s s
Battery-Operated Equipment Smart Card Readers Local Power Supplies Handheld Instruments Battery Backup Supplies
TYPICAL APPLICATION
5V Step-Up/Step-Down Power Supply with Low-Battery Detect
5.2 100k 1.33M 1% ON OFF LOW BAT 1 2 3 499k 1% 4 LTC1514-5 SHDN LBO LBI GND VOUT VIN C1+ C1
-
7 6 5 0.22F
+
10F
OUTPUT VOLTAGE (V)
8
VOUT = 5V IOUT = 50mA VIN 4-CELL NiCd
5.1
5.0
+
10F
1514 TA01
4.9
4.8
U
2
U
U
LTC1514-5 Output Voltage vs Input Voltage
IOUT = 10mA
3
4
5 8 6 7 INPUT VOLTAGE (V)
9
10
LT1514 * TA02
1
LTC1514-3.3/LTC1514-5
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW SHDN 1 LBO 2 LBI 3 GND 4 8 VOUT 7 VIN 6 C1+ 5 C1-
VIN to GND ................................................ - 0.3V to 12V VOUT to GND ............................................. - 0.3V to 12V SHDN, LBI, LBO to GND ........................... - 0.3V to 12V VOUT Short-Circuit Duration ............................. Indefinite Operating Temperature Range Commercial ............................................. 0C to 70C Industrial ........................................... - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1514CS8-3.3 LTC1514CS8-5 LTC1514IS8-3.3 LTC1514IS8-5 S8 PART MARKING 15143 15145 1514I3 1514I5
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 125C, JA = 110C/ W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
VIN = 2V to 10V, SHDN = 3V, C1 = 0.22F, CIN = COUT = 10F, unless otherwise noted (Note 2).
PARAMETER VIN Operating Voltage VOUT (LTC1514-3.3) VOUT (LTC1514-5) VIN Operating Current VIN Shutdown Current Output Ripple Switching Frequency LBI Trip Point LBI Trip Point Hysteresis LBI Input Current LBO VOL LBO Leakage Current SHDN Input Threshold SHDN Input Current IOUT Short-Circuit Current tON LBI = 1.145V ISINK = 100A, VIN = 3V VLBO = 5V, LBI = VIN VIL VIH SHDN = VIN SHDN = 0V VOUT = 0V Soft Start Turn-On Time Note 2: For VIN 8V, COUT = 22F.
q q q q q q q q
CONDITIONS LTC1514-3.3 LTC1514-5 2V VIN 8V, IOUT 15mA 3V VIN 8V, IOUT 50mA 2.7V VIN 10V, IOUT 15mA 3.3V VIN 10V, IOUT 50mA VIN 5V, IOUT = 0, SHDN = 3V VIN > 5V, IOUT = 0, SHDN = 3V SHDN = 0V, VIN 5V SHDN = 0V, VIN > 5V Full Load (Note 2)
q q q q q q q q q q
MIN 2.0 2.7 3.17 3.17 4.8 4.8
TYP
MAX 8 10
UNITS V V V V V V A A A A mVP-P kHz V % nA V A V V A A mA ms
3.3 3.3 5 5 60 75 10 100
3.43 3.43 5.2 5.2 100 120 20 35 800 1.180 50
500 1.110 - 50
650 1.145 1 0.025
LBI Ramping Negative
q
0.4 1
-1 0.4 -1 -1 12 4 1 1
1.6 1 1 40
The q denotes specifications which apply over the full operating temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
2
U
W
U
U
WW
W
LTC1514-3.3/LTC1514-5 TYPICAL PERFORMANCE CHARACTERISTICS
LTC1514-3.3 Efficiency vs Output Current
100 VOUT = 3.3V TA = 25C 80 VIN = 2V VIN = 4.4V 100
OUTPUT VOLTAGE RIPPLE (mVP-P)
EFFICIENCY (%)
60
VIN = 2.7V VIN = 6V
EFFICIENCY (%)
40
20
0 0.01
0.1 1 10 OUTPUT CURRENT (mA)
LTC1514-5 Output Voltage Ripple vs Input Voltage
250 3.45 VOUT = 5V IOUT = 10mA TA = 25C COUT = 10F 150 COUT = 22F 100 COUT = 47F
OUTPUT VOLTAGE RIPPLE (mVP-P)
3.35
OPERATING CURRENT (A)
200
OUTPUT VOLTAGE (V)
50
0 0 2 6 4 INPUT VOLTAGE (V) 8 10
1514 G04
LTC1514-3.3 Efficiency vs Input Voltage
100 VOUT = 3.3V IOUT = 10mA TA = 25C
SHUTDOWN SUPPLY CURRENT (A)
80
EFFICIENCY (%)
EFFICIENCY (%)
60
40
20
0
2
6 4 INPUT VOLTAGE (V)
UW
100
1514 G01
LTC1514-5 Efficiency vs Output Current
250
VIN = 2.7V 80 VIN = 3.3V 60 VIN = 8V VIN = 6V
LTC1514-3.3 Output Voltage Ripple vs Input Voltage
VOUT = 3.3V IOUT = 10mA TA = 25C
200
150 COUT = 10F 100 COUT = 22F
40
20 VOUT = 5V TA = 25C 0 0.01 0.1 1 10 OUTPUT CURRENT (mA) 100
1514 G02
50
COUT = 47F
0 0 2 6 4 INPUT VOLTAGE (V) 8 10
1514 G03
LTC1514-3.3 Output Voltage vs Input Voltage
120
VOUT = 3.3V COUT = 10F TA = 25C
LTC1514-5 Operating Current vs Input Voltage
VOUT = 5V IOUT = 0mA 100
3.40
80 25C 60 85C -40C
3.30
3.25
40
3.20 0 2 6 4 INPUT VOLTAGE (V) 8 10
1514 G05
20 0 2 6 4 INPUT VOLTAGE (V) 8 10
1514 G06
LTC1514-5 Efficiency vs Input Voltage
100 VOUT = 5V IOUT = 10mA TA = 25C 25
LTC1514-X Shutdown Supply Current vs Input Voltage
SHDN = 0V 20
80
15 25C 10 -40C 5 85C
60
40
8
10
1514 G07
20
0 2 4 8 6 INPUT VOLTAGE (V) 10 12
1514 G08
0
2
6 4 INPUT VOLTAGE (V)
8
10
1514 G09
3
LTC1514-3.3/LTC1514-5 TYPICAL PERFORMANCE CHARACTERISTICS
LTC1514-5 Step-Down Mode Load Transient Response LTC1514-5 Step-Up Mode Load Transient Response
VOUT AC COUPLED 100mV/DIV
IOUT 50mA/DIV
VIN = 8V, VOUT = 5V, COUT = 10F, TA = 25C
1514 G10
BLOCK DIAGRAM
VIN
SHDN
LBO
PIN FUNCTIONS
SHDN (Pin 1): Shutdown Input. A logic low on the SHDN pin puts the part into shutdown mode. A logic high (VSHDN 1.6V) enables the charge pump regulator. At high VIN voltages, the SHDN pin may still be controlled with 3V logic without causing a large rise in VIN quiescent current. The SHDN pin may not float; connect to VIN if unused. LBO (Pin 2): Open-Drain, Low-Battery Comparator Output. This pin will pull low whenever the voltage on the LBI pin is less than the internal reference voltage (1.145V typ). LBI (Pin 3): Low-Battery Comparator Input. The voltage on this pin is compared to the internal reference voltage (1.145V). The LBO output will sink current when the voltage on the LBI pin is less than 1.145V typ. The low-
4
UW
VOUT AC COUPLED 100mV/DIV
50mA 0mA
IOUT 50mA/DIV
VIN = 3.3V, VOUT = 5V, COUT = 10F, TA = 25C
1514 G11
W
C1 - C1 + STEP-UP/STEP-DOWN CHARGE PUMP VOUT
-
650kHz OSCILLATOR
+
- +
1.145V VREF
LBI
GND
1514 BD
U
U
U
LTC1514-3.3/LTC1514-5
PIN FUNCTIONS
battery comparator and 1.145V reference are kept alive in shutdown. GND (Pin 4): Ground. Should be tied to a ground plane for best performance. C1 - (Pin 5): Charge Pump Flying Capacitor, Negative Terminal. C1 + (Pin 6): Charge Pump Flying Capacitor, Positive Terminal. VIN (Pin 7): Charge Pump Input Voltage. May be between 2V and 8V (LTC1514-3.3) or between 2.7V and 10V (LTC1514-5). VIN should be bypassed with a 10F low ESR capacitor as close as possible to the pin for best performance. VOUT (Pin 8): Regulated Output Voltage. The output voltage is internally set to either 3.3V (LTC1514-3.3) or to 5V (LTC1514-5) using an internal resistor divider. VOUT should be bypassed with a 10F low ESR capacitor as close as possible to the pin for best performance.
APPLICATIONS INFORMATION
Regulator Operation The regulator section of the LTC1514-3.3/LTC1514-5 consists of a charge pump, reference, comparator and some logic. The divided down output voltage is compared to the internal reference voltage. When the divided output drops below the reference voltage, the charge pump is enabled, which boosts the output back into regulation. Hysteresis in the comparator forces the regulator to burst on and off and causes approximately 100mV of peak-to-peak ripple to appear at the output. By enabling the charge pump only when needed, the LTC1514-3.3 and LTC1514-5 are able to achieve high efficiencies with low output load currents. Each part's charge pump has a unique architecture that allows the input voltage to be either stepped up or stepped down to produce a regulated output. Internal circuitry senses the VIN to VOUT differential voltage and controls the charge pump operating mode. In addition, the effective output impedance of the charge pump is internally adjusted to prevent large inrush currents and allow for a wide input voltage range. When the input voltage is lower than the output voltage, the charge pump operates as a step-up voltage doubler. When the input voltage is greater than the output, the charge pump operates as a step-down gated switch. Capacitor Selection For best performance, low ESR capacitors are recommended for both CIN and COUT to reduce noise and ripple. The CIN and COUT capacitors should be either ceramic or tantalum and should be 10F or greater. If the input source impedance is very low (< 0.5), CIN may not be needed. Increasing the size of COUT to 22F or greater will reduce output voltage ripple--particularly with high VIN voltages (8V or greater). A ceramic capacitor is recommended for the flying capacitor C1 with a value of 0.1F or 0.22F. Smaller value flying capacitors may be used in low output current applications. Output Ripple Normal LTC1514-3.3/LTC1514-5 operation produces voltage ripple on the VOUT pin. Output voltage ripple is required for the parts to regulate. Low frequency ripple exists due to the hysteresis in the sense comparator and propagation delays in the charge pump enable/disable circuits. High frequency ripple is also present mainly from the ESR (equivalent series resistance) in the output capacitor. Typical output ripple (VIN < 8V) under maximum load is 100mV peak-to-peak with a low ESR (< 0.5) 10F output capacitor. For applications requiring VIN to exceed 8V, a 22F or larger COUT capacitor is recommended to maintain max ripple in the 100mV range. The magnitude of the ripple voltage depends on several factors. High input voltages increase the output ripple since more charge is delivered to COUT per charging cycle. A large C1 flying capacitor (> 0.22F) also increases ripple in step-up mode for the same reason. Large output current load and/or a small output capacitor (< 10F) results in higher ripple due to higher output voltage dV/dt. High ESR capacitors (ESR > 0.5) on the
U
W
U
U
U
U
U
5
LTC1514-3.3/LTC1514-5
APPLICATIONS INFORMATION
output pin cause high frequency voltage spikes on VOUT with every clock cycle. There are several ways to reduce the output voltage ripple. A larger COUT capacitor (22F or greater) will reduce both the low and high frequency ripple due to the lower COUT charging and discharging dV/dt and the lower ESR typically found with higher value (larger case size) capacitors. A low ESR ceramic output capacitor will minimize the high frequency ripple, but will not reduce the low frequency ripple unless a high capacitance value is chosen. A reasonable compromise is to use a 10F to 22F tantalum capacitor in parallel with a 1F to 3.3F ceramic capacitor on VOUT to reduce both the low and high frequency ripple. An RC or LC filter may also be used to reduce high frequency voltage spikes (see Figure 1).
8
VOUT LTC1514-X
+
VOUT 15F TANTALUM 1F CERAMIC
VOUT LTC1514-X
8
2
+
10F TANTALUM
+
VOUT 10F TANTALUM
1514 F01
Figure 1. Output Ripple Reduction Techniques
Inrush Currents A common problem with switched capacitor regulators is inrush current -- particularly during power-up and coming out of shutdown mode. Whenever large VIN (or boosted VIN) to VOUT voltage differentials are present, most charge pumps will pull large current spikes from the input supply. Only the effective charge pump output impedance limits the current while the charge pump is enabled. This may disrupt input supply regulation, especially if the input supply is a low power DC/DC converter or linear regulator. The LTC1514-3.3/LTC1514-5 minimize inrush currents both at start-up and under normal high VIN to VOUT operation.
6
U
W
U
U
Internal soft start circuitry controls the rate at which VOUT may be charged from 0V to its final regulated value. The typical start-up time from VOUT = 0V to 5V is 4ms. This corresponds to an effective VOUT charging current of only 12.5mA for a 10F output capacitor (27.5mA for 22F, etc). Note that any output current load present during start-up will add directly to the charging currents mentioned above. The soft start circuitry limits start-up current both at initial power-up and when coming out of shutdown. As the VIN (or boosted VIN) to VOUT voltage differential grows, the effective output impedance of the charge pump is automatically increased by internal voltage sensing circuitry. This feature minimizes the current spikes pulled from VIN whenever the charge pump is enabled and helps to reduce both input and output ripple. Protection Features The LTC1514-X contain thermal shutdown and shortcircuit protection features. The parts will shut down when the junction temperature reaches approximately 150C and will resume operation once the junction temperature has dropped back to approximately 140C. The parts will limit output current to 12mA (typ) when a short-circuit condition (VOUT < 100mV) exists. The parts can survive an indefinite short to GND. The LTC1514-X devices use a low thermal resistance SO-8 package (110C/W vs 150C/W for standard SO-8). This permits full output current, even at high input supply voltages. Low-Battery Comparator The internal low-battery comparator trips at 1.145 3% (LBI ramping negative). Programming the comparator to trip at a higher voltage can easily be done with an external
LTC1514-X VBAT R1 1 2 3 R2 4 SHDN LBO LBI GND VOUT VIN C1+ C1-
1514 F02
8 7 6 5 VTRIP = 1.145V(1 + R1/R2) (LBI RAMPING NEGATIVE)
Figure 2. Programming the Low-Battery Comparator Trip Voltage
LTC1514-3.3/LTC1514-5
APPLICATIONS INFORMATION
resistor divider (see Figure 2). Since the low-battery comparator is kept alive in shutdown, it may be used to protect batteries against deep discharge by shutting down the power supply when the battery voltage gets too low. The open-drain comparator output allows for flexible interfacing between the LBO output and external logic. LBO pull-up resistors in the 50k to 1M range are recommended.
TYPICAL APPLICATIONS N
3.3V Step-Up/Step-Down Supply with Power Good Output
ON OFF POWER GOOD
100k LTC1514-3.3 1 SHDN VOUT 2 LBO VIN 3V VTRIP 3 C1+ LBI 499k 4 C1- GND 1%
806k 1%
Low Power Battery Backup Supply with Autoswitchover and No Reverse Current
MAIN 5V SUPPLY BACKED-UP CIRCUITRY
499k TP0610T 1 1.5M 1% 499k 1% 2 4.6V VTRIP 3 499k 4 LTC1514-5 SHDN LBO LBI GND VOUT VIN C1+ C1- 8 7 6 5 0.1F 5V BACKUP SUPPLY IOUT = 15mA
Battery/External Power Autoswitch Regulator
6V WALL ADAPTER INPUT 1M 1% ON OFF MBR0520L
LTC1514-5 1 2 3 SHDN LBO LBI GND VOUT VIN C1+ C1- 8 7 6 5 0.22F
499k 1%
4
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
W
U
U
U
8 7 6 5 0.22F
+
10F
VIN 2V TO 8V
VOUT = 3.3V 4% IOUT = 15mA, VIN > 2V IOUT = 50mA, VIN > 3V
+
10F
1514 TA05
BAT54
+
10F
TRICKLE CHARGE AND LTC1514 IDD
+
10F
1514 TA03
3-CELL NiCd BATTERY
499k EXTERNAL POWER GOOD
+
22F 3-CELL NiCd BATTERY
5V
+
CHARGE PATH 10F
1514 TA06
7
LTC1514-3.3/LTC1514-5
TYPICAL APPLICATIONS N
Low Power Dual Output Supply (Maximum Combined IOUT = 50mA)
ON OFF 10 Q2 VOUT 3.3V 4% Q1 47k 750k 1% 402k 1% Q1: TP0610T Q2: MMBT3906LT1 220k 1 2 3 4 SHDN LBO LTC1514-5 LBI GND VOUT VIN C1+ C1
-
+
10F
Step-Up/Step-Down Power Supply with Input Autoswitching
CENTRAL SEMI CMPD6263C Si6943DQ +6VDC WALL ADAPTER MMBZ 5235BLT1 (6.8V) MMBD 914LT1 2.4k 1k 1M 10k 10k 4 x AAA ALKALINE CELLS 470k EXT_PWR_GOOD Si6943DQ Si6943DQ
ON OFF
PACKAGE DESCRIPTION
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254)
0- 8 TYP
0.016 - 0.050 0.406 - 1.270
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
RELATED PARTS
PART NUMBER LTC1515 Series LTC1516 LTC1517-5 LTC1522 LTC1555/LTC1556 LTC660 DESCRIPTION Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower, Regulated 5V Charge Pump DC/DC Converter SIM Power Supply and Level Translators 100mA CMOS Voltage Converter COMMENTS VIN 2V to 10V, 3.3V, 5V and ADJ Versions, IOUT to 50mA IOUT = 20mA (VIN 2V), IOUT = 50mA (VIN 3V) LTC1522 Without Shutdown and Packaged in SOT-23 Available in 8-Pin MSOP, 6A Quiescent Current, IOUT = 20mA Step-Up/Step-Down SIM Power Supply and Level Translators 5V to - 5V Conversion with Low Voltage Loss
151435f LT/TP 0298 4K * PRINTED IN USA
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
U
U
8 7 6 5 0.22F
2.2nF
VOUT 5V 4% VIN 2.7V TO 10V
+
22F
+
10F
1514 TA04
+
10F 25V
7 1 3 2 VIN SHDN VOUT LBI LTC1514-5 C1+ LBO GND 4
1514 TA07
8 6 5 0.22F
+
VOUT 5V 50mA 22F 10V
2N7002 MMBT 3904LT1 MMBT 3904LT1
C1
-
100k
Dimensions in inches (millimeters) unless otherwise noted.
0.189 - 0.197* (4.801 - 5.004) 8 0.004 - 0.010 (0.101 - 0.254) 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988) 7 6 5
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.053 - 0.069 (1.346 - 1.752)
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
1
2
3
4
SO8 0996
(c) LINEAR TECHNOLOGY CORPORATION 1997


▲Up To Search▲   

 
Price & Availability of LTC1514-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X